Part Number Hot Search : 
PWR1106C 20U100CT RT1A1 GF10G MUR10 SPD56142 80LET ICS85
Product Description
Full Text Search
 

To Download BCM5701 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BCM5701
PRODUCT
(R)
Brief
OF BENEFITS
10/100/1000BASE-T CONTROLLER WITH INTEGRATED TRANSCEIVER
BCM5701 FEATURES SUMMARY LAN on Motherboard * Single-chip solution forcard (NIC) applications (LOM) and network interface
* Integrated 10BASE-T/100BASE-TX/1000BASE-T transceivers * 10/100/1000 tri-speed MAC * Host interfaces - PCI v2.2, 32/64-bit, 33/66-MHz - PCI-X v1.0, 64-bit, 133-MHz * MII/GMII/TBI interfaces for external transceivers * Ultra-deep, 96-KB on-chip packet buffer * Dual high-speed RISC cores with 16-KB caches - Programmable, in-line packet classification * SMBus controller * On-chip power circuit controller and Wake on LAN power switching circuit
Industry's * (power andfirst 10/100/1000 MAC/PHY solution space optimized for LOM and low profile backward compatible: * *Completely10/100 network infrastructure To existing NIC applications)
* Futureproof * PCI-X interface, on-chip programmable CPUs, ASF support Performance focused * CPU utilization) (optimized for throughput and
* Adaptive interrupts * PCI-X eliminates PCI bottlenecks * Ultra-deep, 96-KB packet buffer lowers CPU utilization and averts PCI congestion * CPU task offloads
* To existing PCI-based desktop and server platforms
features * Performance checksum * TCP, IP, UDP
* Robust manageability * PXE 2.0 remote boot
* TCP segmentation * CPU task offload * Adaptive interrupts * Ultra-deep, 96-KB packet buffer
manageable * *Robust and highlyWake-on LAN, ASF 1.0 PXE 2.0, ACPI 1.1,
* Advanced features jumbo frames * VLAN, priority queuing,
* Integrated cable testing (link quality, length, pair skew, pair polarity, pair swap)
* Advanced network features 2 priority encoding; support for * Priority queuing (802.1p Layer
four priority queues) * Virtual LANs (802.1q VLAN tagging; support for up to 64 VLANs) * Jumbo frames (9 KB) * 802.3x flow control
* Alert specification forum (ASF 1.0 support) * Wake-on LAN * Statistics gathering (SNMP MIB II, Ethernet-like MIB, Ethernet MIB (802.3x, clause 30)) * Comprehensive diagnostic and configuration software suite * ACPI 1.1a compliant (multiple power modes) * Wake on LAN
Server-class * features reliability, availability and performance
* Link aggregation and load balancing - Switch dependent * 802.3ad (LACP), generic trunking (GEC/FEC) - Switch and NIC independent * Smart Load BalancingTM (unique technology that supports heterogeneous teams, and can operate with any switch) * Failover - Smart Load BalancingTM allows heterogeneous failover * Hot Plug PCI support
* RISC processors for advanced packet classification
features * *Advanced server(802.3ad, GEC/FEC, Smart Load Link aggregation
BalancingTM (supports heterogeneous teams)) * Heterogeneous, mixed-speed failover * Hot-Plug PCI support
* *Low power for zero airflow implementations 0.18 m CMOS design * *Space savings for LOM 300-pin HBGA package
* No external memory * Integrated power circuitry * Advanced Power Management
* Low-power, 0.18 m CMOS design * 300-pin HBGA package * 3.3V I/Os (5V tolerant) * JTAG
BCM5701
OVERVIEW
RX 10/100/1000 PHY TX
10/100/1000 MAC
Buffer Memory Memory Controller
Dual Processor
PCI/PCI-X PLL 32-KB Memory EEPROM Control PCI/PCI-X Bus
LED Control
SMBus
PLL
PCI CLK
LED Signals
SMB Interface EEPROM Interface
The BCM5701 is a fully-integrated 10/100/1000BASE-T Gigabit Ethernet Media Access Control and physical layer transceiver solution for high-performance network applications. The BCM5701 is a highly integrated solution combining triple-speed, IEEE 802.3 compliant media access controller (MAC), PCI and PCI-X bus interfaces, on-chip buffer memory, and integrated physical layer transceiver in a single device. The BCM5701 is fabricated in a low-voltage, 0.18 m CMOS process, providing a low-power system solution. By itself the BCM5701 provides a complete, single-chip Gigabit Ethernet NIC or LOM solution. The BCM5701 includes a 10/100/1000-Mbps Ethernet MAC with full/half-duplex capability at all speeds, and a 10/100/1000 copper PHY. Support for the following 802.3 functions is featured in the MAC: VLAN tagging, layer 2 priority encoding, link aggregation, and full-duplex flow control. The device provides both PCI v2.2 and PCI-X v1.0 bus interfaces. The BCM5701 provides a large on-chip buffer memory for stand-alone operation. Dual on-chip, highperformance processors enable custom frame processing features, including TCP segmentation. The transceiver is fully compatible with the IEEE 802.3 standard for auto-negotiation of speed. Additionally, several Plug and Play enhancements have been added to make the device even more user friendly. A link quality indicator LED gives installers an
Broadcom(R), the pulse logo and Connecting everything(R) are trademarks of Broadcom Corporation and/or its subsidiaries in the United States and certain other countries. All other trademarks are the property of their respective owners.
instant visual indication if there are any issues with the wiring plant supporting operation at the desired speed. This includes physical wiring defects or channel conditions, such as excessive cable length, return loss, crosstalk, echo, and noise. Broadcom's remote cable management and diagnostics software can be used with the device to provide remote management of the cable and a first level of diagnostics and fault isolation. The BCM5701 continually monitors various channel conditions. The optional wire speed capability allows the BCM5701 to force autonegotiation to be automatically limited by the speed that the channel can reliably support, rather than the performance of the end equipment. Target Applications of the BCM5701
Network Interface Card (NIC) designs Single Port 10/100/1000 BASE_T 1000 BASE_SX 1000 BASE_LX PCI 2.2 Adapters PCI-X v1.0 Adapters PCI 2.2 Adapters PCI-X v1.0 Adapters PCI 2.2 Adapters PCI-X v1.0 Adapters PCI 2.2 Adapters PCI-X v1.0 Adapters LAN on Motherboard (LOM) designs Single Port 10/100/1000 BASE_T 10/100/1000 BASE_T PCI 2.2 LOM PCI-X v1.0 LOM PCI 2.2 LOM PCI-X v1.0 LOM
Dual Port
Dual Port 10/100/1000 BASE_T
(R)
BROADCOM CORPORATION 16215 Alton Parkway, P.O. Box 57013 Irvine, California 92619-7013
(c) 2003 by BROADCOM CORPORATION. All rights reserved. 5701-PB08-R-06.25.03
Phone: 949-450-8700 FAX: 949-450-8710 Email: info@broadcom.com Web: www.broadcom.com


▲Up To Search▲   

 
Price & Availability of BCM5701

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X